PART |
Description |
Maker |
1.5KE62 1.5KE30 1.5KE6.8A 1.5KE8.2A 1.5KE9.1A 1.5K |
20-Bit Dual Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 16-Bit Dual-Supply Bus Transceive W/Configurable Voltage Translation and 3-State 48-TSSOP -40 to 85 4-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 16-SOIC -40 to 85 Unidirectional and bidirectional Transient Voltage Suppressor diodes 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 83-BGA MICROSTAR JUNIOR -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 24-QFN -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 4-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 16-VQFN -40 to 85 Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 6-SOT-23 -40 to 85
|
SEMIKRON INTERNATIONAL
|
MAX5152BC/D MAX5153BC/D MAX5153BMJE MAX5152BMJE MA |
CAP .039UF 250V PEN FILM 2416 5% DUAL, SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP16 Low-Power / Dual / 13-Bit Voltage-Output DACs with Configurable Outputs TVS BIDIRECT 600W 170V SMB Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
|
Maxim Integrated Products, Inc.
|
SSTUM32866EC_G SSTUM32866EC_S SSTUM32866 SSTUM3286 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
|
NXP Semiconductors
|
FSTUD3245006 FSTUD32450G FSTUD32450 |
Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
|
FAIRCHILD[Fairchild Semiconductor]
|
SSTUA32866EC SSTUA32866EC-G SSTUA32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
SSTUB32866EC_G SSTUB32866EC_S SSTUB32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
FSTUD1645006 FSTUD16450GX FSTUD16450MTD |
Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
|
Fairchild Semiconductor
|
ICSSSTUAF32866B |
25-BIT CONFIGURABLE REGISTERED BUFFER
|
IDT
|
74LVXC4245WMX 74LVXC4245 74LVXC4245MTC 74LVXC4245M |
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming LV/LV-A/LVX/H SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO24 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ICSSSTUA32864B |
25-Bit Configurable Registered Buffer for DDR2
|
ICS
|